PART |
Description |
Maker |
RE030 |
1.75V to 2.1V. rated for loads up to 180 mA in full power mode and 5 mA in low power mode. It is designed to be integrated with other analog cells RE030 is a dual mode Low Drop Out (LDO) voltage regulator macrocell with programmable output voltage ranging from 1.75V to 2.1V, rated for loads up to 180 mA in full power mode and 5 mA in low power mode. It is designed to be integrated wi
|
Atmel
|
2SJ338Y 2SJ338O |
TRANSISTOR | MOSFET | P-CHANNEL | 180V V(BR)DSS | 1A I(D) | TO-251AA Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管| MOSFET的| P通道| 180V五(巴西)直| 1A条(丁)|51AA
|
NEC, Corp.
|
7009-220 7009-240 3.12.5-220 7010-115 7010-100 3.1 |
10-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Analog IC 模拟IC 8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters 模拟IC Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset
|
Ecliptek, Corp. Bourns, Inc. Lumex, Inc. SCHURTER AG Bel Fuse, Inc. Maxim Integrated Products, Inc.
|
3089-6318-00 3089-6317-00 3089-6817-00 3089-6819-0 |
Power Dividers2346 and 8-Way 800-900890-960or 1700-1900 MHz Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 功分2400-90090-960,或1700900年兆 1700 MHz - 1900 MHz RF/MICROWAVE SPLITTER, 0.5 dB INSERTION LOSS
|
Samtec, Inc.
|
3082-6193-10 3082-6182-06 3082-6144-20 3082-6174-2 |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Type N Fixed Coaxial Attenuators Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset N型同轴固定衰减器
|
Molex, Inc.
|
311YH 311GH |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Standard LED Lamp Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 标准LED
|
Toshiba, Corp.
|
2244 3080-1B 3500-10B 3610-12B 3320-8B 3180-3B |
BIN BOX STACKABLE Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 过境 TRANSIT BOX 过境
|
YEONHO Electronics Co., Ltd.
|
300M |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset ANALYSEGERAET VERBRENNGASE 300MKIT睾酮
|
TE Connectivity, Ltd.
|
ISL12022MIBZ-T ISL12022M10 ISL12022M ISL12022MIBZ |
Low Power RTC with Battery Backed SRAM,Integrated ±5ppm Temperature Compensation and Auto Daylight Saving Low Power RTC with Battery Backed SRAM,Integrated 卤5ppm Temperature Compensation and Auto Daylight Saving Low Power RTC with Battery Backed SRAM,Integrated 隆戮5ppm Temperature Compensation and Auto Daylight Saving
|
Intersil Corporation
|
ISL12022M09 ISL12022M ISL12022MIBZ |
Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation, and Auto Daylight Saving Low Power RTC with Battery Backed SRAM, Integrated 卤5ppm Temperature Compensation, and Auto Daylight Saving Low Power RTC with Battery Backed SRAM, Integrated 隆戮5ppm Temperature Compensation, and Auto Daylight Saving
|
Intersil Corporation
|
5962-87566012A |
Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers 2,输入数字复接器
|
Rochester Electronics, LLC
|